Part Number Hot Search : 
L320D 4082B SG12864D X152M IW4520BN D44H11 2SD23 B120N
Product Description
Full Text Search
 

To Download FCN360A008AUB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 dimensions are in millimeters (inches) www.fujitsu.takamisawa.com specifications subject to change fcn-365j fcn-365p fcn-364p fcn-364j fcn-365j fcn-364p fcn-364j fcn-364p fcn-364j fcn-365p fcn-362j fcn-363j fcn-361p fcn-364p fcn-364p fcn-364j fcn-365p fcn-365p fcn-365j fcn-365p fcn-367j with type e cover with type b cover with type j1 cover rectangular connectors fcn360 series
terms in selection table (example) 4-2 4 contact pitch denotes a pitch between adjacent contacts or pitch between rows. 2.54 mm (0.100 in.) (pitch between adjacent contacts) x 2.54 mm (0.100 in.) (pitch between rows) number of contacts denotes the numbers of contacts of available connectors. connection type denotes the connection type of the cable or pc board connection section. plating denotes the contact plating specification. specifications operating temperature range the connector can be used within the specified temperature range. current rating maximum current that can flow through one connector pin voltage rating maximum voltage that can be applied to a connector contact resistance resistance observed at the contact part when 0.3 a (or 0.1 a) flows at 6 vdc with the connectors mated insulation resistance resistance to the leakage current flowing through the insulator (inside or surface of the insulator) when 500 vdc is applied across adjacent pins of a connector dielectric withstanding voltage applying the indicated voltage across adjacent pins of a connector for one minute does not cause any abnormality (damage or cracks in insulator). insulating material, cleaning with chlorothene denotes the insulating material used, and indicates whether the insulating material can be cleaned with chlorothene. part number some part numbers are indicated as examples. model 700 series appearance structure contact pitch number of contacts pin type solder eyelet (tail shape) wire-wrapping (post cross section) crimping (applicable awg no.) straight, throughhole (pc board hole dimensions) right-angle, throughhole (pc board hole dimensions) idc (applicable awg no.) #28, flat cable plating gold silver tin specification operating temperature range current rating voltage rating contact resistance 20 m w max. insulation resistance (dc 500 v) 1,000m w min. dielectric withstanding voltage (for 1 minute) insulation material cleaning with chlorothene polyester cleaning possible part number (example) remarks emi protection cover provided 2.54 2.54 10, 14, 16, 20, 26, 30, 34, 40, 50, 60 p j 0.64 f 0.8, 2.54 2.54 p j p j f 0.8, 2.54 2.54 #28, flat cable ?5? to +105? dc 1 a ac 250 v (dc 6 v, 0.1 a) ac 500 v fcn-705p050-au/m fcn-707j050-au/b
selection table 4-3 4 model appearance structure contact pitch number of contacts pin type solder eyelet (tail shape) wire-wrapping (post cross section) crimping ( applicable awg no.) straight, through hole (pc board hole dimensions) right-angle, through hole (pc board hole dimensions) idc ( applicable awg no.) plating gold silver tin specification operating temperature range current rating voltage rating contact resistance insulation resistance (dc 500 v) dielectric withstanding voltage (for 1 minute) insulating material part number (example) remarks rectanglar connectors 15 m w max. 1,000 m w min. polyester pc (363j) 2.54 2.54 ?5 c to +85 c dc 3 a (idc type: 1a) ac 250 v (dc 6 v, 0.3 a) ac 500 v fcn-361p024-au 8, 16, 24, 32, 40, 48, 56, 64 p j f 1, 2.54 2.54 360 series p j p j #28, flat cable cable cover provided p j 1.8 0.7 1.8 0.7 diagonal 0.71 mm (0.028 in.) p j awg #22 to #28 f 1, 2.54 2.54 f 1, 2.54 2.54 f 1, 2.54 2.54
fcn-360 series 4 dimensions are in millimeters (inches) www.fujitsu.takamisawa.com specifications subject to change notes
5 dimensions are in millimeters (inches) www.fujitsu.takamisawa.com specifications subject to change n features ? many applications various connectors are available for connection by means of soldering, wire wrapping, crimping, pc board mounting, and insulation displacement connection (idc). the user can choose a plug and jack combination that best meet each application. ? small size for high-density mounting the connectors are small with a contact and terminal pitch of 2.54 mm (0.100 in.) between pins and between rows and are thus well suited for high-density mounting. ? sturdy shell guide sturdy shell guides are used to prevent mismating and to protect the pins. ? excellent cost performance streamlined design and automated manufacturing, including use of partial solder plating, provide excellent cost performance. n specifications n materials rectangular connectors fcn-360 series item operating temperature range current rating voltage rating contact resistance insulation resistance dielectric withstanding voltage insertion force withdrawal force applicable wire applicable pc board specification C55 c to +85 c dc 3 a (idc type: 1 a) ac 250 v 15 m w max. (dc 6 v, 0.3 a) 1000 m w min. (dc 500 v) ac 500 v for 1 minute 2.5 kg max. (8 contacts), 20 kg max. (64 contacts) 0.3 kg min. (8 contacts), 2.3 kg min. (64 contacts) f 0.60 mm (0.024 in.) max, awg #23 or less f 0.32 mm (0.013 in.) to f 0.26 mm (0.010 in.), awg #28 to #30 standard contacts f 0.51 mm (0.020 in.) to f 0.32 mm (0.013 in.), awg #24 to #28, insulator f 1.2 mm (0.047 in.) max. contacts for thick wires f 0.64 mm (0.025 in.) to f 0.32 mm (0.013 in.), awg #22 to #28, insulator f 1.7 (0.067 in.) max. flat cable 1.27 mm (0.050 in.) pitch, awg #28 (stranded wire), awg #30 (solid wire) 1.6 mm (0.063 in.) standard thick soldering wire-wrapping crimping idc item insulator conductor plating material polyester (363j: pc94v-2) copper alloy gold plating, silver plating
fcn-360 series 6 dimensions are in millimeters (inches) www.fujitsu.takamisawa.com specifications subject to change n part number fcn- 36 7 j 048- au / h (only for idc) shape of connector cover with idc holders b: close end (special) f: close end h: through end plating and cover specification au: gold plating b: type b cover (standard) c: type c cover (for cable-to-cable connection) d: type d cover (with metal cable clamp) e: type e cover (with long lock-screws) f: type f cover (64 contacts only) g1: one-touch lock type (40 contacts only) h/e: emi protection type (40 contacts only) j1: obtuse angle cable-out cover (40 contacts only) number of contacts 8, 16, 24, 32, 40, 48, 56, 64 connector or parts type a: metal fitting c: cover j: jack p: plug tail type 0: cover, metal fitting 1: soldering 2: wire-wrapping 3: crimping 4: straight 5: right-angle 7: idc 360 series connector fujitsu connector
fcn-360 series 7 dimensions are in millimeters (inches) www.fujitsu.takamisawa.com specifications subject to change n application example fcn-365j fcn-365p fcn-364p fcn-364j fcn-365j fcn-364p fcn-364j fcn-364p fcn-364j fcn-365p fcn-362j fcn-363j fcn-361p fcn-364p fcn-364p fcn-364j fcn-365p fcn-365p fcn-365j fcn-365p fcn-367j with type e cover with type b cover with type j1 cover fcn-365p fcn-365j with type g1 cover with type h/e cover with type e cover with type ccover
fcn-360 series 8 dimensions are in millimeters (inches) www.fujitsu.takamisawa.com specifications subject to change soldering type (plug) n dimensions unit: mm (in.) n mouting hole layout [panel] unit: mm (in.) n part numbers and dimensions number of contacts 8 16 24 32 40 48 56 64 part number fcn-361p008-au fcn-361p016-au fcn-361p024-au fcn-361p032-au fcn-361p040-au fcn-361p048-au fcn-361p056-au fcn-361p064-au dimensions: mm (in.) a 28.84 (1.135) 39.0 (1.535) 49.16 (1.935) 59.32 (2.335) 69.48 (2.735) 79.64 (3.135) 89.8 (3.535) 99.96 (3.935) b 23.34 (0.918) 33.5 (1.318) 43.66 (1.718) 53.82 (2.118) 63.98 (2.518) 74.14 (2.918) 84.3 (3.318) 94.46 (3.718) c 17.84 (0.702) 28.0 (1.102) 38.16 (1.502) 48.32 (1.902) 58.48 (2.302) 68.64 (2.702) 78.8 (3.102) 88.96 (3.502) d 7.62 (0.3) 17.78 (0.7) 27.94 (1.1) 38.1 (1.5) 48.26 (1.9) 58.42 (2.3) 68.58 (2.7) 78.74 (3.1) d b a 6 (0.236) 2.54 (0.10) 8.25 (0.324) 2.54 (0.10) 5.8 (0.228) 12.1 (0.476) 5 (0.196) 4 (0.157) 0.7 (0.027) 1.5 (0.059) c f 2.8 (0.110) a b 1 2 ?.3 ?.15 (0.005) 8.6(0.338) ?.2(0.007) f 2.8(0.110) +0.15(0.005) ? hole (c + 1) b ?.011 ((c + 0.039) )
fcn-360 series 9 dimensions are in millimeters (inches) www.fujitsu.takamisawa.com specifications subject to change soldering type (jack) n dimensions unit: mm (in.) n board mouting hole layout [panel] unit: mm (in.) n part numbers and dimensions number of contacts 8 16 24 32 40 48 56 64 part number fcn-361j008-au fcn-361j016-au fcn-361j024-au fcn-361j032-au fcn-361j040-au fcn-361j048-au fcn-361j056-au fcn-361j064-au dimensions: mm (in.) a 28.84 (1.135) 39.0 (1.535) 49.16 (1.935) 59.32 (2.335) 69.48 (2.735) 79.64 (3.135) 89.8 (3.535) 99.96 (3.935) b 23.34 (0.918) 33.5 (1.318) 43.66 (1.718) 53.82 (2.118) 63.98 (2.518) 74.14 (2.918) 84.3 (3.318) 94.46 (3.718) c 17.84 (0.702) 28.0 (1.102) 38.16 (1.502) 48.32 (1.902) 58.48 (2.302) 68.64 (2.702) 78.8 (3.102) 88.96 (3.502) d 7.62 (0.3) 17.78 (0.7) 27.94 (1.1) 38.1 (1.5) 48.26 (1.9) 58.42 (2.3) 68.58 (2.7) 78.74 (3.1) d b a 2.54 (0.10) 8.25 (0.324) 2.54 (0.10) 5.8 (0.228) 10.8 (0.425) 5 (0.198) 4 (0.157) 0.7 (0.027) 1.5 (0.059) c f 2.8 (0.110) a b 0.5 (0.019) 6 (0.236) 6 (0.236) 1 ?.3 ?.15 (0.005) 8.6 (0.338) ?.2(0.007) f 2.8 (0.110) +0.15(0.005) ? hole (c + 1) b ?.011 ((c + 0.039) )
fcn-360 series 10 dimensions are in millimeters (inches) www.fujitsu.takamisawa.com specifications subject to change wire-wrap type (plug) n dimensions unit: mm (in.) n mouting hole layout unit: mm (in.) n part numbers and dimensions number of contacts 8 16 24 32 40 48 56 64 part number fcn-362p008-au fcn-362p016-au fcn-362p024-au fcn-362p032-au fcn-362p040-au fcn-362p048-au fcn-362p056-au fcn-362p064-au dimensions: mm (in.) a 28.84 (1.135) 39.0 (1.535) 49.16 (1.935) 59.32 (2.335) 69.48 (2.735) 79.64 (3.135) 89.8 (3.535) 99.96 (3.935) b 23.34 (0.918) 33.5 (1.318) 43.66 (1.718) 53.82 (2.118) 63.98 (2.518) 74.14 (2.918) 84.3 (3.318) 94.46 (3.718) c 17.84 (0.702) 28.0 (1.102) 38.16 (1.502) 48.32 (1.902) 58.48 (2.302) 68.64 (2.702) 78.8 (3.102) 88.96 (3.502) d 7.62 (0.3) 17.78 (0.7) 27.94 (1.1) 38.1 (1.5) 48.26 (1.9) 58.42 (2.3) 68.58 (2.7) 78.74 (3.1) d b a 2.54 (0.10) 8.25 (0.324) 2.54 (0.10) 4 (0.157) 10.3 (0.405) 10.8 (0.425) c f 2.8 (0.110) a b 0.71 (0.027) diagonal length [board] [panel] d ?.2 (0.007) ?.15 (0.005) 2.54 (0.10) ?.15(0.009) f 2.8 (0.110) +0.15(0.005) ? hole b f 1 (0.039) +0.1(0.0034) hole ?.3 ?.15 (0.005) 8.6 (0.338) ?.2(0.007) f 2.8 (0.110) +0.15(0.005) ? hole (c + 1) b ?.011 ((c + 0.039) )
fcn-360 series 11 dimensions are in millimeters (inches) www.fujitsu.takamisawa.com specifications subject to change wire-wrap type (jack) n dimensions unit: mm (in.) n mouting hole layout unit: mm (in.) n part numbers and dimensions number of contacts 8 16 24 32 40 48 56 64 part number fcn-362j008-au fcn-362j016-au fcn-362j024-au fcn-362j032-au fcn-362j040-au fcn-362j048-au fcn-362j056-au fcn-362j064-au dimensions: mm (in.) a 28.84 (1.135) 39.0 (1.535) 49.16 (1.935) 59.32 (2.335) 69.48 (2.735) 79.64 (3.135) 89.8 (3.535) 99.96 (3.935) b 23.34 (0.918) 33.5 (1.318) 43.66 (1.718) 53.82 (2.118) 63.98 (2.518) 74.14 (2.918) 84.3 (3.318) 94.46 (3.718) c 17.84 (0.702) 28.0 (1.102) 38.16 (1.502) 48.32 (1.902) 58.48 (2.302) 68.64 (2.702) 78.8 (3.102) 88.96 (3.502) d 7.62 (0.3) 17.78 (0.7) 27.94 (1.1) 38.1 (1.5) 48.26 (1.9) 58.42 (2.3) 68.58 (2.7) 78.74 (3.1) d b a 2.54 (0.10) 8.25 (0.324) 2.54 (0.10) 5.8 (2.283) 10.8 (0.425) 13.5 (0.531) 4 (0.157) 6 (0.236) 6 (0.236) c f 2.8 (0.110) a b 1 0.71 (0.027) diagonal length [board] [panel] d ?.2 (0.007) ?.15 (0.005) 2.54 (0.10) ?.15(0.009) f 2.8 (0.110) +0.15(0.005) ? hole b f 1 (0.039) +0.1(0.0034) hole ?.3 ?.15 (0.005) 8.6 (0.338) ?.2(0.007) f 2.8 (0.110) +0.15(0.005) ? hole (c + 1) b ?.011 ((c + 0.039) )
fcn-360 series 12 dimensions are in millimeters (inches) www.fujitsu.takamisawa.com specifications subject to change crimp type (jack housing) n dimensions unit: mm (in.) n mouting hole layout [panel] unit: mm (in.) n part numbers and dimensions number of contacts 8 16 24 32 40 48 56 64 part number fcn-363j008 fcn-363j016 fcn-363j024 fcn-363j032 fcn-363j040 fcn-363j048 fcn-363j056 fcn-363j064 dimensions: mm (in.) d b a 2.54 (0.10) 8.25 (0.324) 2.54 (0.10) 10.8 (0.425) 4 (0.157) 6 (0.236) 6 (0.236) f 2.8 (0.110) 22 (0.866) c 5.8 (2.283) 6 (0.236) pin 1 in row a pin 1 in row b b 23.34 (0.918) 33.5 (1.318) 43.66 (1.718) 53.82 (2.118) 63.98 (2.518) 74.14 (2.918) 84.3 (3.318) 94.46 (3.718) c 17.84 (0.702) 28.0 (1.102) 38.16 (1.502) 48.32 (1.902) 58.48 (2.302) 68.64 (2.702) 78.8 (3.102) 88.96 (3.502) d 7.62 (0.3) 17.78 (0.7) 27.94 (1.1) 38.1 (1.5) 48.26 (1.9) 58.42 (2.3) 68.58 (2.7) 78.74 (3.1) a 28.84 (1.135) 39.0 (1.535) 49.16 (1.935) 59.32 (2.335) 69.48 (2.735) 79.64 (3.135) 89.8 (3.535) 99.96 (3.935) 0.3 0.15 (0.005) 8.6 (0.338) 0.2(0.007) f 2.8 (0.110) +0.15(0.005) ? hole (c + 1) b 0.011 ((c + 0.039) )
fcn-360 series 13 dimensions are in millimeters (inches) www.fujitsu.takamisawa.com specifications subject to change contact type fcn-363j-au (loose piece) fcn-363j-au/r (strip reeled) fcn-363j-au/s (loose piece) fcn-363j-au/t (strip reeled) crimp type (contact) n dimensions standard contact (applicable wire: awg #24 to #28) thick wire connection contact (applicable wire: awg #22 to #26) 20.05 (0.789) 20.05 (0.789) unit: mm (in.) n part numbers type loose piece strip reeled plating gold plating gold plating standard fcn-363j-au fcn-363j-au/r thick wire connection contact fcn-363j-au/s fcn-363j-au/t n part numbers of crimping tools part number fcn-363t-t005/h (hand crimping tool) fcn-m110 (automatic crimping machine) fcn-a105 (applicator) fcn-363t-t011/h (hand crimping tool) fcn-m110 (automatic crimping machine) fcn-a111 (applicator) [hand crimping tool] [semi-automatic crimping machine, applicator] [contact withdrawal tool] 10 (0.393) 65 (2.559) fcn-360t-t001/h wire cross-section area (mm 2 ) 0.20 to 0.24 0.13 to 0.16 0.088 to 0.096 0.30 to 0.40 0.20 to 0.24 0.13 to 0.16 applicable wire awg #24 awg #26 awg #28 awg #22 awg #24 awg #26 crimp height insulator diameter f 1.2 mm (0.047 in.) max f 1.2 mm (0.047 in.) max f 1.2 mm (0.047 in.) max 1.25 mm (0.049 in.) to 1.30 mm (0.051 in.) 1.20 mm (0.047 in.) to 1.25 mm (0.049 in.) 1.15 mm (0.045 in.) to 1.20 mm (0.047 in.) stripped length 3.0 mm (0.118 in.) to 4.0 mm (0.157 in.) 3.0 mm (0.118 in.) to 4.0 mm (0.157 in.) 3.0 mm (0.118 in.) to 4.0 mm (0.157 in.) 3.0 mm (0.118 in.) to 4.0 mm (0.157 in.) 3.0 mm (0.118 in.) to 4.0 mm (0.157 in.) 3.0 mm (0.118 in.) to 4.0 mm (0.157 in.) 0.85 mm (0.033 in.) to 0.95 mm (0.037 in.) 0.75 mm (0.029 in.) to 0.85 mm (0.033 in.) 0.73 mm (0.028 in.) to 0.81 mm (0.031 in.) f 0.9 mm (0.035 in.) 1.8 mm (0.071 in.) f 0.9 mm (0.035 in.) 1.8 mm (0.071 in.) f 0.9 mm (0.035 in.) 1.8 mm (0.071 in.)
fcn-360 series 14 dimensions are in millimeters (inches) www.fujitsu.takamisawa.com specifications subject to change straight type (plug) n dimensions unit: mm (in.) n board mouting hole layout unit: mm (in.) d b a c 8.25 (0.324) 2.54 (0.10) 4.2 (0.165) 10.3 (0.405) 4 (0.157) 0.71 (0.027) f 2.8 (0.110) 2.54 (0.10) diagonal length b a 1 n part numbers and dimensions number of contacts 8 16 24 32 40 48 56 64 part number fcn-364p008-au fcn-364p016-au fcn-364p024-au fcn-364p032-au fcn-364p040-au fcn-364p048-au fcn-364p056-au fcn-364p064-au dimensions: mm (in.) a 28.84 (1.135) 39.0 (1.535) 49.16 (1.935) 59.32 (2.335) 69.48 (2.735) 79.64 (3.135) 89.8 (3.535) 99.96 (3.935) b 23.34 (0.918) 33.5 (1.318) 43.66 (1.718) 53.82 (2.118) 63.98 (2.518) 74.14 (2.918) 84.3 (3.318) 94.46 (3.718) c 17.84 (0.702) 28.0 (1.102) 38.16 (1.502) 48.32 (1.902) 58.48 (2.302) 68.64 (2.702) 78.8 (3.102) 88.96 (3.502) d 7.62 (0.3) 17.78 (0.7) 27.94 (1.1) 38.1 (1.5) 48.26 (1.9) 58.42 (2.3) 68.58 (2.7) 78.74 (3.1) [board] d ?.2 (0.007) ?.15 (0.005) 2.54 (0.10) ?.15(0.009) f 2.8 (0.110) +0.15(0.005) ? hole b f 1 (0.039) +0.1(0.0034) hole
fcn-360 series 15 dimensions are in millimeters (inches) www.fujitsu.takamisawa.com specifications subject to change straight type (jack) n dimensions unit: mm (in.) n board mouting hole layout unit: mm (in.) d b a c 8.25 (0.324) 2.54 (0.10) 4.2 (0.165) 10.8 (0.425) 5.8 (0.228) 0.71 (0.027) f 2.8 (0.110) 2.54 (0.10) 6 (0.236) 4 (0.157) 6 (0.236) ab diagonal length 1 n part numbers and dimensions number of contacts 8 16 24 32 40 48 56 64 part number fcn-364j008-au fcn-364j016-au fcn-364j024-au fcn-364j032-au fcn-364j040-au fcn-364j048-au fcn-364j056-au fcn-364j064-au dimensions: mm (in.) a 28.84 (1.135) 39.0 (1.535) 49.16 (1.935) 59.32 (2.335) 69.48 (2.735) 79.64 (3.135) 89.8 (3.535) 99.96 (3.935) b 23.34 (0.918) 33.5 (1.318) 43.66 (1.718) 53.82 (2.118) 63.98 (2.518) 74.14 (2.918) 84.3 (3.318) 94.46 (3.718) c 17.84 (0.702) 28.0 (1.102) 38.16 (1.502) 48.32 (1.902) 58.48 (2.302) 68.64 (2.702) 78.8 (3.102) 88.96 (3.502) d 7.62 (0.3) 17.78 (0.7) 27.94 (1.1) 38.1 (1.5) 48.26 (1.9) 58.42 (2.3) 68.58 (2.7) 78.74 (3.1) [board] d ?.2 (0.007) ?.15 (0.005) 2.54 (0.10) ?.15(0.009) f 2.8 (0.110) +0.15(0.005) ? hole b f 1 (0.039) +0.1(0.0034) hole


fcn-360 series 18 dimensions are in millimeters (inches) www.fujitsu.takamisawa.com specifications subject to change right-angle type (jack) n dimensions unit: mm (in.) n mouting hole layout n part numbers and dimensions number of contacts 8 16 24 32 40 48 56 64 part number fcn-365j008-au fcn-365j016-au fcn-365j024-au fcn-365j032-au fcn-365j040-au fcn-365j048-au fcn-365j056-au fcn-365j064-au dimensions: mm (in.) unit: mm (in.) ? note on mounting a right-angle jack on a board mount the connector so that it projects from the board by at least 5 mm (0.197 in.). d c a 8.25 (0.324) 4 (0.157) 5 (0.196) 11 (0.433) 5 (0.196) f 2.8 (0.110) 0.8 (0.031) 2.54 (0.10) 2.54 (0.10) 3 (0.118) 8 (0.314) b 2.54 (0.10) a b 1 diagonal length 3.27 (0.128) ?.15(0.005) 5 (0.196) [board] edge of board d ?.2 (0.007) ?.15 (0.005) 2.54 (0.10) ?.15(0.009) f 2.8 (0.110) +0.15(0.005) ? hole b f 1 (0.039) +0.1(0.0034) hole a 28.84 (1.135) 39.0 (1.535) 49.16 (1.935) 59.32 (2.335) 69.48 (2.735) 79.64 (3.135) 89.8 (3.535) 99.96 (3.935) b 23.34 (0.918) 33.5 (1.318) 43.66 (1.718) 53.82 (2.118) 63.98 (2.518) 74.14 (2.918) 84.3 (3.318) 94.46 (3.718) c 17.84 (0.702) 28.0 (1.102) 38.16 (1.502) 48.32 (1.902) 58.48 (2.302) 68.64 (2.702) 78.8 (3.102) 88.96 (3.502) d 7.62 (0.3) 17.78 (0.7) 27.94 (1.1) 38.1 (1.5) 48.26 (1.9) 58.42 (2.3) 68.58 (2.7) 78.74 (3.1)
fcn-360 series 19 dimensions are in millimeters (inches) www.fujitsu.takamisawa.com specifications subject to change close-end cover fcn-367j008-au/f fcn-367j016-au/f fcn-367j024-au/f fcn-367j032-au/f fcn-367j040-au/f fcn-367j048-au/f fcn-367j056-au/f fcn-367j064-au/f idc type (jack) n dimensions unit: mm (in.) n part numbers and dimensions number of contacts 8 16 24 32 40 48 56 64 dimensions: mm (in.) through-end cover fcn-367j008-au/h fcn-367j016-au/h fcn-367j024-au/h fcn-367j032-au/h fcn-367j040-au/h fcn-367j048-au/h fcn-367j056-au/h fcn-367j064-au/h part number a 2.54 (0.10) b c 2.54 (0.10) 8.25 (0.324) 6 (0.236) 5 (0.196) 11.5 (0.452) 4 (0.157) a 15.7 (0.618) a 31 (1.220) 10 (0.393) f 5 (0.196) m2.6 (0.102) [lock-screw] [strain relief] [closed-end type] [connector cover with idc holders] [connector body] 8.25 (0.324) 5 (0.196) 8.25 (0.324) 6 (0.236) a [through-end type] 4 (0.157) 8.25 (0.324) 5 (0.196) a 28.84 (1.135) 39.0 (1.535) 49.16 (1.935) 59.32 (2.335) 69.48 (2.735) 79.64 (3.135) 89.8 (3.535) 99.96 (3.935) b 23.34 (0.918) 33.5 (1.318) 43.66 (1.718) 53.82 (2.118) 63.98 (2.518) 74.14 (2.918) 84.3 (3.318) 94.46 (3.718) d 7.62 (0.3) 17.78 (0.7) 27.94 (1.1) 38.1 (1.5) 48.26 (1.9) 58.42 (2.3) 68.58 (2.7) 78.74 (3.1)
fcn-360 series 20 dimensions are in millimeters (inches) www.fujitsu.takamisawa.com specifications subject to change idc tools special idc tools are used to assemble fcn-360 series connectors and flat cables. n features ? the mechanisms are simple, so even novices can use them easily. ? those who already have fujitsu-manufactured idc tools for other series connectors need only purchase the locator plate. the hand press and cable cutter are designed to be used in common with all connectors. ? the assembly of cables and connectors with various numbers of contacts can be done by selective setting of the connector guides to the specified positions. ? the cable cutter has an extremely sharp cutting edge. notes: ? a detailed operation manual and instruction manual for idc tools are available upon request. ? should any question arise in using the idc tools, consult our branch offices or agents in your area. hand press cable cutter locator plate (that for the 790 series is shown in the photograph.) n ordering codes for idc tools tool name cable cutter (common) hand press (common) locator plate (for 360 series connectors) part number fcn-707t-t001/h fcn-707t-t101/h fcn-367t-t012/h the hand press and cable cutter can be used for other idc connectors. cover n combinations between covers and connectors connector cover fcn-360c nnn nnn -b fcn-360c nnn nnn -c fcn-360c nnn nnn -d fcn-360c nnn nnn -e fcn-360c064-f fcn-360c040-g1 fcn-360c040-h/e fcn-360c040-j1 plug soldering wire-wrapping crimping soldering jack 8 16 24 32 40 48 56 64 number of contacts these covers cannot be used for idc connectors.
fcn-360 series 21 dimensions are in millimeters (inches) www.fujitsu.takamisawa.com specifications subject to change cover (type b) n dimensions unit: mm (in.) n exploded view n part numbers and dimensions number of contacts 8 16 24 32 40 48 56 64 part number fcn-360c008-b fcn-360c016-b fcn-360c024-b fcn-360c032-b fcn-360c040-b fcn-360c048-b fcn-360c056-b fcn-360c064-b dimensions: mm (in.) b 23.34 (0.918) 33.50 (1.318) 43.66 (1.718) 53.82 (2.118) 63.98 (2.518) 74.14 (2.918) 84.30 (3.318) 94.46 (3.718) f 32.08 (1.262) 42.24 (1.662) 52.40 (2.062) 62.56 (2.462) 72.72 (2.862) 82.88 (3.262) 93.04 (3.662) 103.20 (4.062) g 2.0 (0.078) 6.0 (0.236) 10.0 (0.393) 14.0 (0.551) 18.0 (0.708) h f 5.7 (0.224) f 5.7 (0.224) f 8.0 (0.314) 8.0 (0.314) 8.0 (0.314) 8.0 (0.314) 8.0 (0.314) 8.0 (0.314) two m2 mm (0.079 in.) thread 8 mm (0.315 in.) long pan head machine screws (shorter) four m2 mm (0.079 in.) thread nuts two washers case connector two lock-screws two m2 mm (0.079 in.) thread 10 mm (0.394 in.) long pan head machine screws (longer) note: the screws, nuts, washers, and lock-screws are attached to the cover. g r h f b 28 (1.102) 37 (1.456) 46 (1.811) 1 (0.039) 14 mm (0.551 in.) max 10.3 (0.405) fujitsu r: 2.84 mm (0.112 in.) (8 and 16 contacts) r: 4.0 mm (0.157 in.) (24 to 64 contacts)
fcn-360 series 22 dimensions are in millimeters (inches) www.fujitsu.takamisawa.com specifications subject to change cover for cable to cable connection (type c) n dimensions unit: mm (in.) g r h f 28 (1.102 46 (1.811) 1 (0.039) 14 mm (0.551 in.) max. 10.3 (0.405) fujitsu metal fittings note: this cover can be combined with a cover of type b, d, or e for cable- to-cable connection. n exploded view two m2 mm (0.079 in.) thread 8 mm (0.315 in.) long pan head machine screws (shorter) four m2 mm (0.079 in.) thread nuts two washers case connector two m2 mm (0.079 in.) thread 10 mm (0.394 in.) long pan head machine screws (longer) two screws for mounting metal fittings connector two metal fittings n part numbers and dimensions note: the screws, nuts, washers, and accessory are attached to the cover. number of contacts 8 16 24 32 40 48 56 64 part number fcn-360c008-c fcn-360c016-c fcn-360c024-c fcn-360c032-c fcn-360c040-c fcn-360c048-c fcn-360c056-c fcn-360c064-c dimensions: mm (in.) r: 2.84 mm (0.112 in.) (8 and 16 contacts) r: 4.0 mm (0.157 in.) (24 and 64 contacts) h f 5.7 (0.224) f 5.7 (0.224) f 8.0 (0.314) 8.0 (0.314) 8.0 (0.314) 8.0 (0.314) 8.0 (0.314) 8.0 (0.314) g 2.0 (0.078) 6.0 (0.236) 10.0 (0.393) 14.0 (0.551) 18.0 (0.708) f 32.08 (1.262) 42.24 (1.662) 52.40 (2.062) 62.56 (2.462) 72.72 (2.862) 82.88 (3.262) 93.04 (3.662) 103.20 (4.062)
fcn-360 series 23 dimensions are in millimeters (inches) www.fujitsu.takamisawa.com specifications subject to change four m2 mm (0.079 in.) thread 8 mm (0.315 in.) long pan head machine screws (shorter) four m2 mm (0.079 in.) thread nuts two cable clamps case connector two lock-screws cover (wide opening type) (type d) n dimensions unit: mm (in.) n exploded view note: the screws, nuts, cable clamp, and lock- screws are attached to the cover. i cable clamp 7.5 (0.295) f b 37 (1.456) 14 mm (0.551 in.) max. fujitsu 10.5 (0.413) 28 (1.102) 46 (1.811) 1 (0.039) 10.3 (0.405) n part numbers and dimensions number of contacts 40 48 56 64 part number fcn-360c040-d fcn-360c048-d fcn-360c056-d fcn-360c064-d dimensions: mm (in.) b 63.98 (2.518) 74.14 (2.918) 84.30 (3.318) 94.46 (3.718) f 72.72 (2.862) 82.88 (3.262) 93.04 (3.662) 103.20 (4.062) i 8.0 (0.314) 12.0 (0.472) 16.0 (0.629) 20.0 (0.789)
fcn-360 series 24 dimensions are in millimeters (inches) www.fujitsu.takamisawa.com specifications subject to change cover (long-screw type) (type e) n dimensions unit: mm (in.) n exploded view n part numbers and dimensions number of contacts 8 16 24 32 40 48 56 64 part number fcn-360c008-e fcn-360c016-e fcn-360c024-e fcn-360c032-e fcn-360c040-e fcn-360c048-e fcn-360c056-e fcn-360c064-e dimensions: mm (in.) note: the screws, nuts, washers, and lock-screws are attached to the cover. two m2 mm (0.079 in.) thread 8 mm (0.315 in.) long pan head machine screws (shorter) four m2 mm (0.079 in.) thread nuts two washers case connector two lock-screws two m2 mm (0.079 in.) thread 10 mm (0.394 in.) long pan head machine screws (longer) r: 2.84 mm (0.112 in.) (8 and 16 contacts) r: 4.0 mm (0.157 in.) (24 and 64 contacts) h f 5.7 (0.224) f 5.7 (0.224) f 8.0 (0.314) 8.0 (0.314) 8.0 (0.314) 8.0 (0.314) 8.0 (0.314) 8.0 (0.314) b 23.34 (0.918) 33.50 (1.318) 43.66 (1.718) 53.82 (2.118) 63.98 (2.518) 74.14 (2.918) 84.30 (3.318) 94.46 (3.718) f 32.08 (1.262) 42.24 (1.662) 52.40 (2.062) 62.56 (2.462) 72.72 (2.862) 82.88 (3.262) 93.04 (3.662) 103.20 (4.062) g 2.0 (0.078) 6.0 (0.236) 10.0 (0.393) 14.0 (0.551) 18.0 (0.708) g r h f b 14 mm (0.551 in.) max. fujitsu 53 (2.086) 28 (1.102) 46 (1.811) 1 (0.039) 10.3 (0.405)
fcn-360 series 25 dimensions are in millimeters (inches) www.fujitsu.takamisawa.com specifications subject to change cover (straight cable-out cover) (type f) n dimensions unit: mm (in.) n exploded view n part number fcn-360c064-f note: the screws, nuts, cable clamps, and lock- screws are attached to the cover. six m2 mm (0.079 in.) thread 8 mm (0.315 in.) long pan head machine screws six m2 mm (0.079 in.) thread nuts case connector two lock-screws two cable clamps 6 (0.236) 103.2 (4.062) 30.5 (1.200) 28 (1.102) 46 (1.811) 55 (2.165) 1 (0.039) 14 mm (0.551 in.) max. 10.3 (0.405) fujitsu 10 (0.393) 8 (0.314) 37 (1.456) 94.46 (3.718) 17.5 (10.688) 19.5 (0.767) section s detail of section s
fcn-360 series 26 dimensions are in millimeters (inches) www.fujitsu.takamisawa.com specifications subject to change cover (right angle cable-out cover) (type g1) n dimensions unit: mm (in.) n exploded view case connector two m2.6 mm (0.102 in.) thread 8 mm (0.315 in.) long pan head machine screws two cable clamps case slider n locked state n metal fittings metal fittings fcn-360a11 pc board 1 mm (0.039 in.) min. f 6 (0.236) note: after connectors are mated, moving the slider locks the connectors. note: the fcn-360 a11-metal- fittings are used for this cover. n part number fcn-360c040-g1 f 17 (0.669) 10 (0.393) 81.48 (3.207) 17 (0.669) 19 (0.748) 6 (0.236) 20 (0.787) 14.65 (0.576) 20 (0.787) ? (0.354)
fcn-360 series 27 dimensions are in millimeters (inches) www.fujitsu.takamisawa.com specifications subject to change cover (right angle cableout cover) (type h/e) n dimensions unit: mm (in.) n exploded view material: zync die cast plating: nickel plating 1 (0.039) f 1 (0.039) 17 (0.669) 63.98 (2.518) 43.98 (1.731) 72.48 (2.853) 1 (0.039) 46 (1.811) 19 (0.748) 12 (0.472) 10 (0.393) m2.5 (0.098) 8 (0.314) m2.5 (0.039) f 11 (0.433) cable hole through-hole n part number fcn-360c040-h/e note: the screws, cable clamp, and lock-screws are attached to the cover. case connector two lock-screws two m2.5 mm (0.098 in.) thread 8 mm (0.315 in.) long pan head machine screws cable clamp two m2.5 mm (0.098 in.) thread 5 mm (0.197 in.) long pan head machine screws
fcn-360 series 28 dimensions are in millimeters (inches) www.fujitsu.takamisawa.com specifications subject to change cover (obtuse angle cable-out cover (40 contacts only)) (type j1) n dimensions unit: mm (in.) n exploded view case connector cable clamp three m2 mm (0.079 in.) thread 14 mm (0.551 in.) long screws case two m2.6 mm (0.102 in.) thread 25 mm (0.984 in.) long screws two m2.6 mm (0.102 in.) thread 12 mm (0.472 in.) long screws two m2.6 mm (0.102 in.) thread nuts three m2 mm (0.079 in.) thread nuts n part number fcn-360c040-j1 f 63.98 (2.518) 24 (0.944) 46 (1.811) 1 (0.039) 7 71.73 (2.824) 10.3 (0.405) 20 (0.787) m2 (0.078) 14 (0.511) three screws m2.6 (0.102) 25 (0.984) two screws cable hole f 12 (0.472)
fcn-360 series 29 dimensions are in millimeters (inches) www.fujitsu.takamisawa.com specifications subject to change low profile cover (obtuse angle cable -out) (type j2) n dimension unit: mm (in.) n exploded view case connector cable clamp three m2 mm (0.079 in.) thread 8 mm (0.315 in.) long screws case two m2.6 mm (0.102 in.) thread 25 mm (0.984 in.) long screws two m2.6 mm (0.102 in.) thread 6 mm (0.236 in.) long screws two m2.6 mm (0.102 in.) thread nuts three m2 mm (0.079 in.) thread nuts n part number fcn-360c024-j2 fcn-360c040-j2 f 46 (1.811) m2 (0.078) m2.6 mm (0.102 in.) thread machine screw with washer 10.3 (0.405) 51.41 (2.024) 29.66 (1.167) 1 (0.039) 24 (0.944) 9.5 (0.374) 30? 43.66 (1.718) 12 6 (max) 5 (min) view from b r4 f 22 25 12.75 20 b 63.98 71.73 b 8.70 17.9 view from b m2.6 mm machine screw with washer m2 (0.078) m2 (0.078) 46 (1.811) 1 (0.039) 24 (0.944) m2 (0.078) 10.3 (0.405) part number: fcn-360c024-j2 (24 contacts) part number: fcn-360c040-j2 (40 contacts)
fcn-360 series 30 dimensions are in millimeters (inches) www.fujitsu.takamisawa.com specifications subject to change accessories n mounting syle [right-angle mounting metal fitting] m2.6 10 metal fitting plug or jack pcb jack with cover or plug with cover note: the m2.6 mm (0.102 in.) thread 10 mm (0.394 in.) long machine screw shall be separately prepared. jack with cover plug pcb metal fitting [straight mounting metal fitting] m2.6 8 note: the m2.6 mm (0.102 in.) thread 8 mm (0.315 in.) long machine screw shall be separately prepared. [straight mounting round metal fitting] metal fitting m2.6 8 pcb plug or jack jack with cover or plug with cover note: the m2.6 mm (0.102 in.) thread 8 mm (0.315 in.) long machine screw shall be separately prepared. n selection of metal fittings according to combination of connectors and covers 361p 362p 364p 365p 361j with cover fcn-360a4 fcn-360a1 fcn-360a1 fcn-360a2 without cover fcn-360a5 fcn-360a6 fcn-360a6 fcn-360a3 362j with cover fcn-360a4 fcn-360a1 fcn-360a1 fcn-360a2 without cover fcn-360a5 fcn-360a6 fcn-360a6 fcn-360a3 363j with cover fcn-360a4 fcn-360a1 fcn-360a1 fcn-360a2 without cover fcn-360a5 fcn-360a6 fcn-360a6 fcn-360a3 364j with cover fcn-360a4 fcn-360a1 fcn-360a1 fcn-360a2 without cover fcn-360a5 fcn-360a6 fcn-360a6 fcn-360a3 367j with cover without cover fcn-360a5 fcn-360a6 fcn-360a6 fcn-360a3 cover mounting side jack plug metal fitting mounting side metal fitting part number 361j 362j 363j 364j 365j 367j 361p with cover fcn-360a4 fcn-360a4 fcn-360a4 fcn-360a4 fcn-360a10 (fcn-360a8) fcn-360a4 without cover fcn-360a5 fcn-360a5 fcn-360a5 fcn-360a5 fcn-360a9 fcn-360a5 cover mounting side plug jack 361p with cover without cover fcn-360a7 fcn-360a7 fcn-360a7 fcn-360a7 fcn-360a9 fcn-360a7 364p with cover without cover fcn-360a7 fcn-360a7 fcn-360a7 fcn-360a7 fcn-360a9 fcn-360a7 metal fitting mounting side metal fitting part number note: when the jack or plug without a cover (shaded part) is used, have m2.6 8 mm machine screws ready inorder to tighten the connector.
fcn-360 series 31 dimensions are in millimeters (inches) www.fujitsu.takamisawa.com specifications subject to change shape unit: mm (in.) shape unit: mm (in.) n shapes and dimensions of metal fittings 1.straight mounting metal fittings part number symbol a fcn-360a1 5.3 (0.208) fcn-360a6 6.3 (0.248) 2.right-angle mounting metal fittings part number symbol b c fcn-360a2 3 (0.118) 9 (0.354) fcn-360a3 4 (0.157) 10 (0.393) shape unit: mm (in.) part number symbol b c fcn-360a8 5.3 (0.208) 13.3 (0.523) fcn-360a9 6.3 (0.248) 14.3 (0.526) shape unit: mm (in.) part number symbol fcn-360a10 unit: mm (in.) part number symbol fcn-360a11 unit: mm (in.) 3.straight mounting round metal fittings part number symbol d fcn-360a4 7.1(0.279) fcn-360a5 9.9 (0.389) fcn-360a7 8.1 (0.318) a 5.5 (0.216) 8.25 (0.326) m2.6 (0.102) b c 4 (0.157) 5.5 (0.216) 7 (0.275) m2.6 (0.102) b c 4 (0.157) 5.4 (0.212) 7.5 (0.295) m2.6 (0.102) 4 (0.157) 5.3 (0.208) 7.5 (0.295) m2.6 (0.102) m2.6 (0.102) 5.5 (0.216) 4.6 (0.181) 8.1 (0.318) 1 (0.039) 4 (0.157) 7 (0.275) m2.6 (0.102) 5.5 (0.216) 6 (0.236) 1 (0.039) 3 (0.118) d 5.25 (0.206) m2.6 (0.102) 6 (0.236)
fcn-360 series 32 dimensions are in millimeters (inches) www.fujitsu.takamisawa.com specifications subject to change ? 2001 fujitsu components america, inc. all company and product names are trademarks or registered trademarks of their respective owners. rev. 09/2001 japan fujitsu component limited gotanda-chuo building 3-5, higashigotanda 2-chome, shinagawa-ku tokyo 141, japan tel: (81-3) 5449-7010 fax: (81-3) 5449-2626 email: promothq@ft.ed.fujitsu.com web: www.fcl.fujitsu.com north and south america fujitsu components america, inc. 250 e. caribbean drive sunnyvale, ca 94089 u.s.a. tel: (1-408) 745-4900 fax: (1-408) 745-4970 email: marcom@fcai.fujitsu.com web: www.fcai.fujitsu.com europe fujitsu components europe b.v. diamantlaan 25 2132 wv hoofddorp netherlands tel: (31-23) 5560910 fax: (31-23) 5560950 email: info.marketing@fceu.fujitsu.com web: www.fceu.fujitsu.com asia pacific fujitsu components asia ltd. 102e pasir panjang road #04-01 citilink warehouse complex singapore 118529 tel: (65) 375-8560 fax: (65) 273-3021 email: fcal@fcal.fujitsu.com www.fcal.fujitsu.com fujitsu components international headquarter offices


▲Up To Search▲   

 
Price & Availability of FCN360A008AUB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X